Part Number Hot Search : 
74HC5950 1N4764 06000 2SC367 STP3NC60 1N5256 W39V040A ST2060
Product Description
Full Text Search
 

To Download EEUED2D330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors/ ed ? ee87 ? design, and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and / or use. should a safety concern ar ise regarding this product,please be sure to contact us immediately . mar.2006 n dimensions in mm (not to scale) n ripple current frequency coefficient radial lead type n features n specifications japan malaysia china n main applications electronic ballast, power supply input circuit high ripple current (at high frequency) endurance: 105 c 8000,10000h including low profile products (20mm height) rohs directive compliant country of origin 5.0 5.0 7.5 7.5 body dia. d lead dia. d lead space p 10 12.5 16 18 0.6 0.6 0.8 0.8 l d 0.05 14 min 3 min d+0.5 max p 0.5 l > 20:l+2.0 max vent sleeve frequency (hz) cap.(f) 50 < f < 120 120 < f < 300 300 < f < 1k 1k < f < 10k 10k < f < 30k 30k < f < 100k cap. < 100f 100f < cap. 0.30 0.40 0.55 0.70 0.90 1.00 0.35 0.45 0.60 0.75 0.90 1.00 category temp. range rated w.v. range nominal cap. range i < 0.06 cv + 10( a) after 2 minutes application of rated working voltage at +20 c -25 to + 105 c 160 to 450 v .dc 10 to 330 f 20 % (120hz/+20 c) dc leakage current tan capacitance tolerance endurance after following life test with dc voltage and +1052 c ripple current value applied (the sum of dc and ripple peak voltage shall not exceed the rated working voltage), for regulation times, the capacitors shall meet the limits specified bellow. p ost test requirements at +20 c. regulation times of life test: 10=8000h, 12.5 to 18=10000h capacitance change tan dc leakage current 20% of initial measured value < 200 of initial specified value < initial specified value shelf life after storage for 1000 hours at +1052 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits specified in endur ance (with voltage treatment) please see the attached standard products list characteristics at low temperature w.v.(v) 160 200 250 350 400 450 z(-25 c)/z(20 c) 333666 ed a series: type : (mm) (impedance ratio at 120hz)
aluminum electrolytic capacitors/ ed ? ee88 ? design, and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and / or use. should a safety concern ar ise regarding this product,please be sure to contact us immediately . mar.2006 when requesting taped product, please put the letter "b" between the "( )". lead wire pitch b=5mm, 7.5mm. the taping dimensions are explained on p.196 of our catalog. please use it as a reference guide. n standard products (mm) (mm) (mm) (pcs) (pcs) (f) (mm) (mm) (ma) (v) 160 200 350 tan (120hz) (+20 c) lead space part no. specification dia. length taping case size cap. (20%) lead dia. lead length w.v. straight ripple current (100khz) (+105 ? c) taping *b min. packaging q'ty straight leads 22 10 20 500 0.15 8000 0.6 5.0 5.0 eeued2c220( ) 200 500 33 10 20 580 0.15 8000 0.6 5.0 5.0 eeued2c330( ) 200 500 47 10 20 750 0.15 8000 0.6 5.0 5.0 eeued2c470( ) 200 500 68 12.5 20 950 0.15 10000 0.6 5.0 5.0 eeued2c680( ) 200 500 82 12.5 25 1060 0.15 10000 0.6 5.0 5.0 eeued2c820( ) 200 500 100 12.5 25 1170 0.15 10000 0.6 5.0 5.0 eeued2c101( ) 200 500 16 20 1280 0.15 10000 0.8 7.5 7.5 eeued2c101s( ) 100 250 150 16 25 1400 0.15 10000 0.8 7.5 7.5 eeued2c151( ) 100 250 18 20 1400 0.15 10000 0.8 7.5 7.5 eeued2c151s( ) 100 250 220 16 31.5 1700 0.15 10000 0.8 7.5 eeued2c221 100 18 25 1500 0.15 10000 0.8 7.5 7.5 eeued2c221s( ) 100 250 330 18 31.5 2000 0.15 10000 0.8 7.5 eeued2c331 50 22 10 20 600 0.15 8000 0.6 5.0 5.0 eeued2d220( ) 200 500 33 10 20 650 0.15 8000 0.6 5.0 5.0 EEUED2D330( ) 200 500 47 12.5 20 790 0.15 10000 0.6 5.0 5.0 eeued2d470( ) 200 500 68 12.5 25 950 0.15 10000 0.6 5.0 5.0 eeued2d680( ) 200 500 16 20 1000 0.15 10000 0.8 7.5 7.5 eeued2d680s( ) 100 250 82 16 20 1100 0.15 10000 0.8 7.5 7.5 eeued2d820s( ) 100 250 100 16 25 1300 0.15 10000 0.8 7.5 7.5 eeued2d101( ) 100 250 18 20 1280 0.15 10000 0.8 7.5 7.5 eeued2d101s( ) 100 250 150 16 25 1400 0.15 10000 0.8 7.5 7.5 eeued2d151( ) 100 250 220 18 31.5 2000 0.15 10000 0.8 7.5 eeued2d221 50 330 18 40 2400 0.15 10000 0.8 7.5 eeued2d331 50 22 10 20 560 0.15 8000 0.6 5.0 5.0 eeued2e220( ) 200 500 33 12.5 20 710 0.15 10000 0.6 5.0 5.0 eeued2e330( ) 200 500 47 12.5 25 920 0.15 10000 0.6 5.0 5.0 eeued2e470( ) 200 500 16 20 990 0.15 10000 0.8 7.5 7.5 eeued2e470s( ) 100 250 68 16 20 1000 0.15 1 0000 0.8 7.5 7.5 eeued2e680s( ) 100 250 82 16 25 1200 0.15 10000 0.8 7.5 7.5 eeued2e820( ) 100 250 18 20 1200 0.15 10000 0.8 7.5 7.5 eeued2e820s( ) 100 250 100 16 31.5 1500 0.15 10000 0.8 7.5 eeued2e101 100 18 25 1500 0.15 10000 0.8 7.5 7.5 eeued2e101s( ) 100 250 150 18 31.5 1800 0.15 10000 0.8 7.5 eeued2e151 50 220 18 40 2100 0.15 10000 0.8 7.5 eeued2e221 50 10 10 20 350 0.20 8000 0.6 5.0 5.0 eeued2v100( ) 200 500 22 12.5 20 480 0.20 10000 0.6 5.0 5.0 eeued2v220( ) 200 500 33 16 20 640 0.20 10000 0.8 7.5 7.5 eeued2v330s( ) 100 250 47 16 25 800 0.20 10000 0.8 7.5 7.5 eeued2v470( ) 100 250 18 20 800 0.20 10000 0.8 7.5 7.5 eeued2v470s( ) 100 250 68 16 31.5 1100 0.20 10000 0.8 7.5 eeued2v680 100 18 25 1000 0.20 10000 0.8 7.5 7.5 eeued2v680s( ) 100 250 82 18 25 1100 0.20 10000 0.8 7.5 7.5 eeued2v820s( ) 100 250 250 endu- rance (hours)
aluminum electrolytic capacitors/ ed ? ee89 ? design, and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and / or use. should a safety concern ar ise regarding this product,please be sure to contact us immediately . mar.2006 n standard products when requesting taped product, please put the letter "b" between the "( )". lead wire pitch b=5mm, 7.5mm. the taping dimensions are explained on p.196 of our catalog. please use it as a reference guide. 450 400 (mm) (mm) (f) (ma) (v) specification dia. length case size cap. (20%) lead length w.v. ripple current (100khz) (+105 ? c) 100 18 31.5 1200 0.20 10000 0.8 7.5 eeued2v101 50 10 10 20 300 0.24 8000 0.6 5.0 5.0 eeued2g100( ) 200 500 15 12.5 20 410 0.24 10000 0.6 5.0 5.0 eeued2g150( ) 200 500 22 12.5 25 500 0.24 10000 0.6 5.0 5.0 eeued2g220( ) 200 500 16 20 600 0.24 10000 0.8 7.5 7.5 eeued2g220s( ) 100 250 33 16 20 730 0.24 10000 0.8 7.5 7.5 eeued2g330s( ) 100 250 47 16 25 840 0.24 10000 0.8 7.5 7.5 eeued2g470( ) 100 250 18 20 840 0.24 10000 0.8 7.5 7.5 eeued2g470s( ) 100 250 68 18 31.5 1200 0.24 10000 0.8 7.5 eeued2g680 50 82 18 40 1500 0.24 10000 0.8 7.5 eeued2g820 50 10 12.5 20 350 0.24 10000 0.6 5.0 5.0 eeued2w100( ) 200 500 15 12.5 25 560 0.24 10000 0.6 5.0 5.0 eeued2w150( ) 200 500 22 16 20 680 0.24 10000 0.8 7.5 7.5 eeued 2w220s( ) 100 250 33 16 31.5 850 0.24 10000 0.8 7.5 eeued2w330 100 18 25 850 0.24 10000 0.8 7.5 7.5 eeued2w330s( ) 100 250 47 18 31.5 1000 0.24 10000 0.8 7.5 eeued2w470 50 68 18 40 1300 0.24 10000 0.8 7.5 eeued2w680 50 350 (mm) (pcs) (pcs) (mm) lead space part no. taping lead dia. straight taping *b min. packaging q'ty straight leads endu- rance (hours) tan (120hz) (+20 c) (mm)


▲Up To Search▲   

 
Price & Availability of EEUED2D330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X